PART |
Description |
Maker |
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
SAFC942.5MYJ1C0T-TC00 SAFC902.5MC90T-TC11 SAFC902. |
1 FUNCTIONS, 942.5 MHz, SAW FILTER CERAMIC, SC33 1 FUNCTIONS, 902.5 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 895.5 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 820 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
TFS117A |
Filter Specification 1 FUNCTIONS, 117.605 MHz, SAW FILTER Surface Acoustic Wave (SAW) Filter
|
VECTRON[Vectron International, Inc]
|
TFS70H23 |
Filter specification 1 FUNCTIONS, 70.01 MHz, SAW FILTER Surface Acoustic Wave (SAW) Filter
|
Vectron International, Inc. VECTRON[Vectron International, Inc]
|
GUS-QS20RLF-330-K-470-M GUS-SL20RLF-330-K-470-M GU |
TaNCap Tapped Filter Network RC NETWORK, TAPPED FILTER NETWORK, 68ohm, 0.000068uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000015uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000015uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 39ohm, 0.000056uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 22ohm, 0.000056uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 56ohm, 0.00012uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 27ohm, 0.000034uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 56ohm, 0.000039uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.000034uF, SURFACE MOUNT, SOIC-20 RC NETWORK, TAPPED FILTER NETWORK, 100ohm, 0.0002uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 22ohm, 0.000039uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 82ohm, 0.00001uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 33ohm, 0.000047uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 10ohm, 0.00001uF, SURFACE MOUNT, QSOP-20 RC NETWORK, TAPPED FILTER NETWORK, 15ohm, 0.00012uF, SURFACE MOUNT, QSOP-20
|
IRC - a TT electronics Company. INTERNATIONAL RESISTIVE CO INC
|
KF450BS KF450BV KF414BV KF422BV |
450MHz Band Pass SAW Filter(中心频率B>450MHz的带通声表面滤波 414MHz Band Pass SAW Filter(中心频率14MHz的带通声表面滤波 422MHz Band Pass SAW Filter(涓??棰??涓?22MHz??甫??0琛ㄩ?婊ゆ尝??
|
KEC Holdings
|
4400-040 4200-012 4400-005 |
EMI/RFI FILTER 1 FUNCTIONS, 50 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 200 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc. TUSONIX INC
|
STF203-22.TC STF203-33.TC STF203-15.TC STF203-22.T |
USB Upstream Port Filter and TVS 1 FUNCTIONS, 5.25 V, DATA LINE FILTER
|
Semtech Corporation
|
4201-015 |
EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
4202-065 |
EMI/RFI FILTER Bushing #12 1 FUNCTIONS, 350 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
MM-0637A-50 MM-0637A-35 |
The 637A series filter is a very compact DC filter intended for use with telecommunication hardware
|
JMK Inc.
|
|